Part Number Hot Search : 
C10423 MCRF355 21008 4HUDHZ8T WSA480 AK8130C SRA22 21008
Product Description
Full Text Search
 

To Download IRG4BC20SPBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
   
    
                 !             "   #    $%    &  ' (   $%   ) 
  *  
 +'  "',
-  . / #
     01  # 2  &   #
     01  # 2  &  3  4&  /     5     6  & + 6   &7 8   $ 9.$ . 9 . : 8  :  0  ;7  $  0$ .  <8=  9 . >= : IRG4BC20SPBF standard speed igbt insulated gate bipolar transistor pd - 95639 e c g n-channel features  
 
   
 


   
 !"#  
  $     %
$ $  &$ 
' !&#()**+,"   -). 
 !"#
$ $  & %  !"#
  
       
 
 
 / 
%0
) 0  
   &)
'!1!"#      
 =  23  4536!  4+,  
    ?   
 +  /    @@@ . +    6 7 a7 ) 68 . @@@ b? +  /   " < 7 -&    @@@ % ? ? , . 9.c: @@@  9d:   to-220ab cb$b3 www.irf.com 1

2 www.irf.com  


     e  ) , 9 : f c 3    " e  )
 , 9 : f 3.$ .     3 6 a . % e  )  , 9 : f          4 2-   f c f   +    f !.c f       488 2-   f 3 %     "7    3%   a   f 3$ 3    7 +    ?
  4 6 ,  ( f .  f
-   g g
  488 6 ,  ( f . f / 6 a . !7 7 3
  6 ,  ( f . c $.    4 2-   f  f   7   +    f $ f    "7    3%    488 2-   f c f    7 +    ?   a   f c% f
-   g g
  6 ,  ( f $.3 f / 6 a . 7 3 (  
  f c. f h 0  8 &   & &  f  f       4& &  f $! f &a    $ 6 a . c   +' 8 &  f c. f i  .0hd  


        
    f f     7    j"  
      %ff    7    ." ?    ?    & 88. 8    f .c f b    7    . " f .3 .    "        
 6    f .% f    !" 6 a .7  f .33 f    " 7      ) ,,  $. f .      7    j" ?   b ?   & 88. 8 ,,  f f b      7    j"   a   . .% f 6   = 7    " f f     7     f f .    7    7    f f     7    7      ) 
 (  f f *  "    *           
  !"#   k )     j" $          
  !"#    #  , %jl - 8 . m.  #  , .j7   ,.   +&  '  l    7 &  ,   <- 1. n   &. 9 6 8 . $< :     %m9  :7    7 (  jh7 +    ? 7 96 8 . $:  +&  '  l &  ,   <- 1  n   &.

www.irf.com 3   
   -
74!  
          -
7, 1 10 100 1 10 v , collector-to-emitter voltage (v) i , collector-to-emitter current (a) ce c v = 15v 20s pulse width ge t = 25 c j o t = 150 c j o 1 10 100 5 6 7 8 9 10 11 12 v , gate-to-emitter voltage (v) i , collector-to-emitter current (a) ge c v = 50v 5s pulse width cc t = 25 c j o t = 150 c j o 0 5 1 0 1 5 2 0 2 5 3 0 0.1 1 10 10 0 f, frequency (khz) a 60% of rated voltage ideal diodes square wave: for both: duty cycle: 50% t = 125c t = 90c gate drive as specified sink j triangular wave: clamp voltage: 80% of rated power dissipation = 13w

4 www.irf.com     !    
    " # !         25 50 75 100 125 150 0 5 10 15 20 t , case temperature ( c) maximum dc collector current(a) c 0.01 0.1 1 10 0.00001 0.0001 0.001 0.01 0.1 1 notes: 1. duty factor d = t / t 2. peak t = p x z + t 1 2 j dm thjc c p t t dm 1 2 t , rectangular pulse duration (sec) thermal response (z ) 1 thjc 0.01 0.02 0.05 0.10 0.20 0.50 single pulse (thermal response) -60 -40 -20 0 20 40 60 80 100 120 140 160 1.0 2.0 3.0 t , junction temperature ( c) v , collector-to-emitter voltage(v) j ce v = 15v 80 us pulse width ge i = a 5 c i = a 10 c i = a 20 c .  "

www.irf.com 5         " #   $ # $ " #   %&#
$ '   %&#
 !  0 5 10 15 20 25 30 0 4 8 12 16 20 q , total gate charge (nc) v , gate-to-emitter voltage (v) g ge v = 400v i = 10a cc c -60 -40 -20 0 20 40 60 80 100 120 140 160 0.1 1 10 t , junction temperature ( c ) total switching losses (mj) j r = 50ohm v = 15v v = 480v g ge cc i = a 20 c i = a 10 c i = a 5 c ? 1 10 100 0 200 400 600 800 1000 v , collector-to-emitter voltage (v) c, capacitance (pf) ce v c c c = = = = 0v, c c c f = 1mhz + c + c c shorted ge ies ge gc , ce res gc oes ce gc c ies c oes c res  0 10 20 30 40 50 2.00 2.04 2.08 2.12 2.16 2.20 r , gate resistance (ohm) total switching losses (mj) g v = 480v v = 15v t = 25 c i = 10a cc ge j c ( ? )

6 www.irf.com   %&#
      %( 0 4 8 12 16 20 0.0 2.0 4.0 6.0 8.0 i , collector-to-emitter current (a) total switching losses (mj) c r = 50ohm t = 150 c v = 480v v = 15v g j cc ge  ? 1 10 100 1 10 100 100 0 v = 20v t = 125 c ge j o v , collector-to-emitter voltage (v) i , collector-to-emitter current (a) ce c safe operating area

www.irf.com 7       
d.u.t. 50v l v * c  * driver same type as d.u.t.; vc = 80% of vce(max) * note: due to the 50v power supply, pulse width and inductor will increase to obtain rated id. 1000v   7 !  -
#7     87

 7#7   480f 960v    t=5 s d(on) t t f t r 90% t d(off) 10% 90% 10% 5% v c i c e on e off ts on off e = (e +e )       $ -
 9
  5 0v driver* 1000v d.u.t . i c c v    l     $ -
 #7    
 

8 www.irf.com data and specifications subject to change without notice. ir world headquarters: 233 kansas st., el segundo, california 90245, usa tel: (310) 252-7105 tac fax: (310) 252-7903 visit us at www.irf.com for sales contact information . 07/04 lead assignments 1 - gate 2 - drain 3 - source 4 - drain - b - 1.32 (.052) 1.22 (.048) 3x 0.55 (.022) 0.46 (.018) 2.92 (.115) 2.64 (.104) 4.69 (.185) 4.20 (.165) 3x 0.93 (.037) 0.69 (.027) 4.06 (.160) 3.55 (.140) 1.15 (.045) min 6.47 (.255) 6.10 (.240) 3.78 (.149) 3.54 (.139) - a - 10.54 (.415) 10.29 (.405) 2.87 (.113) 2.62 (.103) 15.24 (.600) 14.84 (.584) 14.09 (.555) 13.47 (.530) 3x 1.40 (.055) 1.15 (.045) 2.54 (.100) 2x 0.36 (.014) m b a m 4 1 2 3 notes: 1 dimensioning & tolerancing per ansi y14.5m, 1982. 3 outline conforms to jedec outline to-220ab. 2 controlling dimension : inch 4 heatsink & lead measurements do n ot include burrs. hexfet 1- gate 2- drain 3- source 4- drain lead assignments igbts, copac k 1- gate 2- collector 3- emitter 4- collector 

  dimensions are shown in millimeters (inches) 

  
 example: in the assembly line "c" t his is an irf1010 lot code 1789 as s e mb le d on ww 19, 1997 part numbe r assembly lot code dat e code year 7 = 1997 line c week 19 logo rectifier int e rnat ional note: "p" in assembly line position indicates "lead-free"


▲Up To Search▲   

 
Price & Availability of IRG4BC20SPBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X